PART |
Description |
Maker |
SCPHN20 SCPHN26 SCPHN10 SCPHN16 SCPHN30 SCPHN6 |
High Voltage,High Current,High Density Standard Recovery Rectifier(????靛?16000V锛?俯搴?5???骞冲??存??垫?5.5A,楂??锛?ぇ?垫?,楂??搴??????㈠??存??? 5.5 A, 16000 V, SILICON, RECTIFIER DIODE High Voltage,High Current,High Density Standard Recovery Rectifier(反向电压6000V,温5℃时平均整流电流5.5A,高压,大电流,高密度,标准恢复整流 STANDARD RECOVERY HIGH VOLTAGE, HIGH CURRENT RECTIFIER
|
Semtech Corporation
|
STTH5L06FP STTH5L06D STTH5L06BDF STTH5L06B-TR STTH |
Circular Connector; Body Material:Aluminum; Series:PT06; No. of Contacts:18; Connector Shell Size:14; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Circular Contact Gender:Pin; Insert Arrangement:14-18 (STTH5L06x) TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER TURBO2 ULTRAFAST HIGH VOLTAGE RECTIFIER TURBO2 ULTRAFAST HIGH VOLTAGE RECTIFIER
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
GI751 GI756 GI750 GI752 GI758 GI754 |
Aluminum Electrolytic Radial Lead Extremely Low Impedance Capacitor; Capacitance: 470uF; Voltage: 63V; Case Size: 12.5x25 mm; Packaging: Bulk High Voltage Plastic Rectifier(高压塑胶整流 HIGH CURRENT PLASTIC RECTIFIER
|
GE Security, Inc. GE[General Semiconductor]
|
1SS269 |
Small packag Small Total capacitance: CT = 1.2pF(Max) Low series resistance: rs = 0.6(Typ.)
|
TY Semiconductor Co., Ltd
|
HFM208A HFM201A HFM202A HFM203A HFM204A HFM205A HF |
2 A, 50 V, SILICON, RECTIFIER DIODE, DO-214AC SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes HIGH EFFICIENCY RECTIFIER 50V 2.0A
|
RECTRON LTD Rectron Semiconductor
|
STTH5L06 STTH5L06RL -STTH5L06RL |
TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER 透平2超快高压整流 TURBO2 ULTRAFAST HIGH VOLTAGE RECTIFIER TURBO2 ULTRAFAST HIGH VOLTAGE RECTIFIER
|
STMicroelectronics N.V. ST Microelectronics
|
UX-C2B HVR-1X-40B SHV-02 SHV-03 SHV-03S SHV-06NK S |
High-Voltage Rectifier Diodes High-Voltage Rectifier Diodes 0.35 A, 8 V, SILICON, SIGNAL DIODE High-Voltage Rectifier Diodes 0.002 A, 4.5 V, SILICON, SIGNAL DIODE High-Voltage Rectifier Diodes 0.002 A, 12000 V, SILICON, SIGNAL DIODE High-Voltage Rectifier Diodes 0.002 A, 6000 V, SILICON, SIGNAL DIODE High-Voltage Rectifier Diodes 0.002 A, 8000 V, SILICON, SIGNAL DIODE High-Voltage Rectifier Diodes 0.002 A, SILICON, SIGNAL DIODE
|
Sanken Electric Co., Ltd. SANKEN[Sanken electric] Sanken Electric Co.,Ltd.
|
S2HVM2.5 S2HVM10 S2HVM12.5 S2HVM15 S2HVM7.5 S2HVM5 |
STANDARD RECOVERY HIGH VOLTAGE RECTIFIER ASSEMBLY High Voltage,High Density, Standard Recovery Rectifier Assembly(反向电压2500V,高压,高密度,标准恢复整流器部 High Voltage,High Density, Standard Recovery Rectifier Assembly(反向电压12500V,高压,高密度,标准恢复整流器部 High Voltage,High Density, Standard Recovery Rectifier Assembly(反向电压7500V,高压,高密度,标准恢复整流器部
|
http:// Semtech Corporation
|
STPS30150CW STPS30150CT STPS30150CFP STPS30150C ST |
(STPS30150CT/CW/CFP) HIGH VOLTAGE POWER SCHOTTKY RECTIFIER HIGH VOLTAGE POWER SCHOTTKY RECTIFIER 高压功率肖特基整流器
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics STMicroelectronics N.V.
|
MBR1060CT-G1 MBR1060CTF-G1 MBR1060CTF-E1 MBR1060CT |
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER 5 A, 60 V, SILICON, RECTIFIER DIODE, TO-220AB
|
BCD Semiconductor Manufacturing Limited BCD SEMICONDUCTOR MANUFACTURING LTD BCD Semiconductor Manuf...
|
B1100LB-13-F |
1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER 2 A, 100 V, SILICON, RECTIFIER DIODE
|
Diodes Inc. Diodes, Inc.
|